Part Number Hot Search : 
24ACR 7C1462A HD74H LVC2G24 MA3D652 MMSZ524 KA3843AM RX5VT46A
Product Description
Full Text Search
 

To Download BTS120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPFET(R)
BTS 120
Features
q q q q
N channel Enhancement mode Temperature sensor with thyristor characteristic The drain pin is electrically shortet to the tab
1 2 3
Pin
1 G
2 D
3 S
Type BTS 120
VDS
100 V
ID
19 A
RDS(on)
0.1
Package TO-220AB
Ordering Code C67078-A5009-A2
Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Continuous drain current, TC = 25 C ISO drain current TC = 85 C, VGS = 10 V, VDS = 0.5 V Pulsed drain current, Short circuit current, Symbol Values 100 100 20 19 3.5 76 55 800 75 - 55 ... + 150 E 55/150/56 K/W 1.67 75 C - W A Unit V
VDS VDGR VGS ID ID-ISO ID puls ISC PSCmax Ptot Tj, Tstg
- -
TC = 25 C Tj = - 55 ... + 150 C
Short circuit dissipation, Tj = - 55 ... + 150 C Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance Chip-case Chip-ambient
Rth JC Rth JA
Semiconductor Group
1
04.97
BTS 120
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = 0, ID = 0.25 mA Gate threshold voltage VGS = VDS, ID = 1 mA Zero gate voltage drain current VGS = 0 V, VDS = 100 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Tj = 25 C Tj = 150 C Drain-source on-state resistance VGS = 10 V, ID = 12 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID =12 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Values typ. max. Unit
V(BR)DSS
100 - 3.0 - 3.5
V
VGS(th)
2.5
I DSS
- - 1 100 10 300
A
I GSS
- - 10 2 0.09 100 4 0.1 nA A -
RDS(on)
gfs
7 13 1500 450 150 30 50 170 80 18
S pF - 2000 700 240 45 75 220 110 ns
Ciss Coss
-
Crss
- - - - -
Turn-on time ton, (ton = td(on) + tr) td(on) VCC = 30 V, VGS = 10 V, ID = 3 A, RGS = 50 t
r
Turn-off time toff, (toff = td(off) + tf) td(off) VCC = 30 V, VGS = 10 V, ID = 3 A, RGS = 50 t
f
Semiconductor Group
2
BTS 120
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous source current Pulsed source current Diode forward on-voltage I F = 38 A, VGS = 0 Reverse recovery time I F = I S, diF/dt = 100 A/s, VR = 30 V Reverse recovery charge I F = I S, diF/dt = 100 A/s, VR = 30 V Temperature Sensor Forward voltage ITS(on) = 10 mA, Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Forward current Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Holding current, VTS(off) = 5 V, Switching temperature VTS = 5 V Turn-off time VTS = 5 V, ITS(on) = 2 mA Values typ. max. Unit
IS I SM VSD
- - -
- - 1.4 200 0.25
19 75
A V
1.7 ns - C -
t rr
-
Q rr
-
VTS(on)
- - 1.4 - - - 0.1 0.2 - - 1.5 10
V
ITS(on)
- - 10 600 0.5 0.3
mA
Tj = 25 C Tj = 150 C
IH TTS(on)
0.05 0.05 150
C - s 0.5 2.5
toff
Semiconductor Group
3
BTS 120
Examples for short-circuit protection at Tj = - 55 ... + 150 C, unless otherwise specified. Parameter Symbol 1 Examples 2 - Unit
Drain-source voltage Gate-source voltage Short-circuit current Short-circuit dissipation Response time Tj = 25 C, before short circuit
VDS VGS ISC PSC tSC(off)
15 7.3 53.3 800 25
30 5.7 26.7 800 25
- - - - -
V A W ms
Short-circuit protection ISC = f (VDS) Parameter: VGS Diagram to determine ISC for Tj = - 55 ... + 150C
Max. gate voltage VGS(SC) = f (VDS) Parameter: Tj = - 55 ... + 150 C
Semiconductor Group
4
BTS 120
Max. power dissipation Ptot = f (TC)
Typ. drain-source on-state resistance RDS(on) = f (ID) Parameter: VGS
Typical output characteristics ID = f (VDS) Parameter: tp = 80 s
Safe operating area ID = f (VDS) Parameter: D = 0.01, TC = 25 C
Semiconductor Group
5
BTS 120
Drain-source on-state resistance RDS(on) = f (Tj) Parameter: ID = 9 A, VGS = 10 V
Gate threshold voltage VGS(th) = f (Tj) Parameter: VDS = VGS, ID = 1 mA (spread)
Typ. transfer characteristic ID = f (VGS) Parameter: tp = 80 s, VDS = 25 V
Typ. transconductance gfs = f (ID) Parameter: tp = 80 s, VDS = 25 V
Semiconductor Group
6
BTS 120
Continuous drain current ID = f (TC) Parameter: VGS 10 V
Forward characteristics of reverse diode IF = f (VSD) Parameter: Tj, tp = 80 s (spread)
Typ. gate-source leakage current IGSS = f (TC) Parameter: VGS = 20 V, VDS = 0
Typ. capacitances C = f (VDS) Parameter: VGS = 0, f = 1 MHz
Semiconductor Group
7
BTS 120
Transient thermal impedance ZthJC = f (tp) Parameter: D = tp/T
Semiconductor Group
8
BTS 120 Package Outlines
TO 220 AB Standard
Ordering Code C67078-A5009-A2
9.9 9.5
2.8
3.7
4.4 1.3
12.8
17.5
1
4.6
3)
9.2
1)
0.75 2.54 1.05 2.54
0.5 2.4
GPT05155
1) punch direction, burr max. 0.04 2) dip tinning 3) max. 14.5 by dip tinning press burr max. 0.05
Semiconductor Group
13.5
2)
15.6
9


▲Up To Search▲   

 
Price & Availability of BTS120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X